PART |
Description |
Maker |
MT4LC8M8B6DJ-5S MT4LC8M8B6TG-5S MT4LC8M8E1TG-5S MT |
RF Coaxial Connector Adapter; Convert From:F Plug; Convert To:BNC Jack RoHS Compliant: Yes 内存 RF Coaxial Connector Adapter; Convert From:TNC Plug; Convert To:SMA Jack RoHS Compliant: Yes 内存 DRAM 内存 PLUG, LOW PROFILE 3 POLE
|
Micron Technology, Inc.
|
MT4C4M4A1TG-6S MT4C4M4B1TG-6S MT4LC4M4B1TG-6S MT4C |
RF Coaxial Connector Adapter; Convert From:UHF Plug; Convert To:Mini-UHF Jack RoHS Compliant: Yes 内存 DRAM 内存
|
Micron Technology, Inc. http://
|
EVAL-ADM1191EBZ1 ADM1191 ADM1191-2ARMZ-R71 |
Digital Power Monitor with Convert Pin and ALERTB O
|
AD[Analog Devices]
|
LP3204A-15B5 LP3204 LP3204B-15B5 LP3204B-18B5 LP32 |
1.5MHz, 800mA, High Efficiency Synchronous PWM Step-Down DC/DC Convert
|
Lowpower Semiconductor inc
|
P6AU-2415E P6AU-0505 P6AU-0505E P6AU-0512E P6AU-05 |
Input voltage:5V, output voltage 3.3V (300mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 15V (70mA), 1KV isolated 1W unregulated single output Input voltage:5V, output voltage 7.2V (140mA), 1KV isolated 1W unregulated single output 1KV ISOLATED 1W UNREGULATED SINGLE OUTPUT SIP4 1KV交隔W的未稳压单输出学校改善工 Input voltage:5V, output voltage 12V (100mA), 1KV isolated 1W unregulated single output
|
PEAK[PEAK electronics GmbH] Electronic Theatre Controls, Inc.
|
ADM1191NBSP ADM1191 |
Digital Power Monitor with Convert Pin and Extended Addressing From old datasheet system
|
Analog Devices, Inc
|
SFA050XS1-OR |
The Driving Board provides all the Needs to convert Composite video signal to the proper interface of LCD Panel
|
BEYONDINFINITE
|
P8SG-247R2E P8SG-0505E P8SG-1205E P8SG-1212E P8SG- |
Input voltage:24V, output voltage 7.2V (200mA), 1KV isolated 1.5W regulated single output 1 KV ISOLATED 1.5 W REGULATED SINGLE OUTPUT DIP24 1千伏隔震1.5糯稳压单输出DIP24
|
PEAK[PEAK electronics GmbH]
|
REC3-123.3SRW REC3-123.3SRW_H1 REC3-123.3SRWZ_H1 R |
8-Pin N-FET Linear Regulator Controller 8-SOIC 0 to 70 3瓦特DIP24 /贴片 3 Watt DIP24 / SMD Single & Dual Output 3瓦特DIP24 /贴片 Single Output LDO, 500mA, Fixed(5V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 Single Output LDO, 500mA, Fixed(12V), Low Quiescent Current, wide Input Voltage Range 8-SOIC 0 to 70 BiCMOS Power Factor Preregualtor 16-SOIC 0 to 70 Single Output LDO, 3.0A, Fixed(3.3V), Reverse Current Protection, Thermal Shutdown 3-DDPAK/TO-263 0 to 70 BiCMOS Advanced Phase Shift PWM Controller 20-TSSOP 0 to 70 3 Watt DIP24 / SMD Single & Dual Output
|
RECOM Electronic GmbH RECOM Power Inc. RECOM[Recom International Power]
|
IDT54FCT620CTLB IDT54FCT620CTEB IDT54FCT620ATDB ID |
High Frequency Synchronous PWM Buck Controller in a 10-Lead MLPD Package. High Frequency 2-Phase Single or Dual Output Sychronous Step Down Controller with Output Tracking and Sequencing High Frequency 2-Phase, Single or Dual Output Synchronous Step Down Controller with Output Tracking and Sequencing Single 8-Bit Inverting Bus Transceiver 位反向总线收发
|
Fairchild Semiconductor, Corp.
|
T010 T250 T060 3T020 T175 T090 3T070 T040 T400 T05 |
DIL 14 PIN SINGLE OUTPUT 迪勒14针单输出 BOX ALUM UNPAINTED 8X4X3,1 Conductive Rubber Keypad DIL 14 Pin Single/Triple Output
|
Electronic Theatre Controls, Inc. Allen Avionics List of Unclassifed Manufacturers
|
MDF100A30 MDF_R100A30-50 MDF100A40 MDR100A50 MDF10 |
DIODE(NON-ISOLATED TYPE) R/A(M) JUMPER 1.32MM 300"GREY Right Angle Jumper; Connector Type A:AMC Plug; Connector Type B:AMC Plug; Cable Length:300mm; Body Plating:Silver; Color:Black; Insulator Material:PBT; Leaded Process Compatible:Yes; Peak Reflow Compatible (260 C):Yes RoHS Compliant: Yes 二极管(非隔离型 RF Coaxial Connector Adapter; Convert From:QMA Plug; Convert To:SMA Jack; Body Material:Brass; Body Plating:White Bronze; Contact Material:Beryllium Copper; Contact Plating:Gold; Frequency:6GHz; Impedance:50ohm RoHS Compliant: Yes 二极管(非隔离型 From old datasheet system DIODE MODULE Diode with flat mounting base which is designed for use in various rectifier applications
|
Sanrex, Corp. http:// SANREX[SanRex Corporation]
|